|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BAS85 Vishay Semiconductors Small Signal Schottky Diode Features * For general purpose applications * This diode features low turn-on voltage e2 * The devices are protected by a PN junction guard ring against excessive voltage, such as electrostatic discharges * This diode is also available in a DO35 case with type designation BAT85 * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC 94 9371 Applications * Applications where a very low forward voltage is required Mechanical Data Case: MiniMELF Glass case SOD80 Weight: approx. 31 mg Cathode Band Color: black Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box Parts Table Part BAS85 Ordering code BAS85-GS18 or BAS85-GS08 Type Marking Remarks Tape and Reel Absolute Maximum Ratings Tamb = 25 C, unless otherwise specified Parameter Continuous reverse voltage Forward continuous current Peak forward current Surge forward current Power dissipation 1) Test condition Tamb = 25 C Tamb = 25 C tp < 1 s, Tamb = 25 C Tamb = 65 C Symbol VR IF IFM IFSM Ptot Value 30 2001) 300 1) Unit V mA mA mA mW 6001) 2001) Valid provided that electrodes are kept at ambient temperature. Thermal Characteristics Tamb = 25 C, unless otherwise specified Parameter Thermal resistance junction to ambient air Junction temperature Storage temperature range 1) Test condition Symbol RthJA Tj Tstg Value 430 1) Unit K/W C C 125 - 55 to +150 Valid provided that electrodes are kept at ambient temperature. www.vishay.com 1 Document Number 85510 Rev. 1.8, 27-Mar-06 BAS85 Vishay Semiconductors Electrical Characteristics Tamb = 25 C, unless otherwise specified Parameter Reverse breakdown voltage Leakage current Forward voltage Test condition IR = 10 A (pulsed) VR = 25 V Pulse test tp < 300 s, IF = 0.1 mA Pulse test tp < 300 s, IF = 1 mA Pulse test tp < 300 s, IF = 10 mA Pulse test tp < 300 s, IF = 30 mA Pulse test tp < 300 s, IF = 100 mA Diode capacitance Reverse recovery time VR = 1 V, f = 1 MHz IF = 10 mA, IR = 10 mA, Irr = 1 mA, Symbol V(BR)R IR VF VF VF VF VF Ctot trr 500 800 10 5 Min 30 0.2 2 240 320 400 Typ. Max Unit V A mV mV mV mV mV pF ns Typical Characteristics Tamb = 25 C, unless otherwise specified PR - Reverse Power Dissipation (mW) 200 180 160 140 120 100 80 60 40 20 0 25 50 75 100 125 150 PR - Limit at 80 % VR RthJA = 540 kW PR - Limit at 100 % VR VR = 30 V 1000 VR = VRRM 100 IR - Reverse Current (A) 10 1 25 15823 50 75 100 125 150 15822 Tj - Junction Temperature (C) Tj - Junction Temperature (C) Figure 1. Max. Reverse Power Dissipation vs. Junction Temperature Figure 2. Reverse Current vs. Junction Temperature www.vishay.com 2 Document Number 85510 Rev. 1.8, 27-Mar-06 BAS85 Vishay Semiconductors 1000 10 CD - Diode Capacitance (pF) Tj = 150 C 9 8 7 6 5 4 3 2 1 f = 1 MHz IF - Forward Current (A) 100 Tj = 25 C 10 1 0.1 0 15824 0 0.5 1.0 1.5 15825 0.1 1 10 100 VF - Forward Voltage (V) VR - Reverse Voltage (V) Figure 4. Diode Capacitance vs. Reverse Voltage Figure 3. Forward Current vs. Forward Voltage Package Dimensions in mm (Inches) Cathode indification 0.47 max. (0.019) 3.7 (0.146) 3.3 (0.130) foot print recommendation: 2.5 (0.098) max 1.6 (0.063) 1.4 (0.055) 1.25 (0.049) min 2.0 (0.079) min 5.0 (0.197) ref Document no.: 6.560-5005.01-4 Rev. 7 - Date: 07.February.2005 96 12070 Document Number 85510 Rev. 1.8, 27-Mar-06 www.vishay.com 3 BAS85 Vishay Semiconductors Ozone Depleting Substances Policy Statement It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany www.vishay.com 4 Document Number 85510 Rev. 1.8, 27-Mar-06 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of BAS85-GS08 |